product catalogue | tools | wire end ferrules | wire end ferrules with plastic collar | conductor nom. cross-section 1.0mm2 | packed loose in polythene bag - 1 - general ordering data order no. 0409700000 part designation h1,0/12 ge version wire-end ferrule, 1 mm2, 6 mm, colour code: weidmller, yellow ean 4008190152222 qty. 500 pc(s). technical data length 12 mm width 3.5 mm height 3.5 mm product data conductor rated cross-section 1 mm2 awg 17 total length (l1) 12 mm contact surface length (l2) 6 mm contact surface diameter (d1) 1.4 mm collar diameter (d2) 3 mm metal sleeve thickness (s1) 0.15 mm plastic collar thickness (s2) 0.25 mm approvals approvals institutes classifications etim 2.0 ec000005 etim 3.0 ec000005 eclass 4.1 27-06-07-01 eclass 5.0 27-40-02-01
product catalogue | tools | wire end ferrules | wire end ferrules with plastic collar | conductor nom. cross-section 1.0mm2 | packed loose in polythene bag - 2 - classifications eclass 5.1 27-40-02-01 similar products order no. part designation version 9019070000 h1,0/12d r wire-end ferrule, 1 mm2, 6 mm, colour code: din, red 0463000000 h1,0/14 ge wire-end ferrule, 1 mm2, 8 mm, colour code: weidmller, yellow 9019080000 h1,0/14d r wire-end ferrule, 1 mm2, 8 mm, colour code: din, red 9025950000 h1,0/16 ge wire-end ferrule, 1 mm2, 10 mm, colour code: weidmller, yellow 9019100000 h1,0/16d r wire-end ferrule, 1 mm2, 10 mm, colour code: din, red 9025930000 h1,0/18 ge wire-end ferrule, 1 mm2, 12 mm, colour code: weidmller, yellow 9019110000 h1,0/18d r wire-end ferrule, 1 mm2, 12 mm, colour code: din, red
|